Part Number Hot Search : 
UDN2954 4920N SDR955 2SD20 08046 ULN2801 AD7827 TC4531
Product Description
Full Text Search
 

To Download P6KE200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Avalanche Diodes
600 Watt Axial Transient Voltage Suppressors
P6KE Series
Protect sensitive electronics against voltage transients induced by inductive load switching and lightning. Ideal for the protection of I/O interfaces, Vcc bus, and other integrated circuits.
(R)
6
SILICON DIODE ARRAYS
0.76 0.86 Min 25.4 3.05 3.25 6.10 6.47 Min 25.4
FEATURES
* Breakdown voltage range 6.8 to 440 Volts * Uni-directional and Bi-directional * Glass passivated junction * Excellent clamping capability * 100% surge tested * UL recognised
MAXIMUM RATING
* Peak Pulse Power (Ppk): 600 Watts (10 x 1000s)@25C
(see diagram on page 3 for wave form)
* 1.5 watt steady state * Response time: 1 x 10-12 seconds (theoretical) * Forward surge rating: 100 Amps, 8.3ms half sine wave, (uni-
directional devices only)
* Operating & storage temperature: -55C to +150C
MECHANICAL CHARACTERISTICS
* Case: DO-15, Molded plastic over glass passivated junction * Terminals: Axial leads, solderable per MIL-STD-202"
Method 208
* Solderable leads = 230C for 10 seconds (1.59mm from case) * Marking: cathode band, (positive terminal, uni-directional
devices only), device code, logo
* Weight: 1.2 grammes (approx)
Agency Approvals: Recognized under the Components Program of Underwriters Laboratories.
All dimensions in mm
Agnecy File Number: E128662 ORDERING INFORMATION
P6KE CA
Voltage Bi-Directional 5% Voltage Tolerance Packaging Option
B = Bulk (1000 pcs) T = Tape and reeled (5000 pcs)
285
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
600 Watt Axial Transient Voltage Suppressors
P6KE Series
10000
(R)
1000 Cj (pf) 100
10
1
10
100
1000
Device Stand-off Voltage - Volts
Figure 1 - Capacitance vs. Stand-off Voltage
100kw
20kw 5kw 2kw 500w 100w 1s 10s 100s 1ms 10ms Pulse Time (tp)
Figure 2 - Peak Pulse Power vs. Pulse Time
286
Pp (kw)
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
600 Watt Axial Transient Voltage Suppressors
P6KE Series
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number (Uni) Part Number (Bi) Reverse Stand off Voltage VR (Volts) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 Breakdown Voltage VBR (Volts) @ IT MIN 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80
0
(R)
6
SILICON DIODE ARRAYS
Maximum Reverse Leakage IR @ VR (A) 1000.0 1000.0 500.0 500.0 200.0 200.0 50.0 50.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Clamping Voltage VC @ IPP (Volts) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 Maximum Peak Pulse Current Max Voltage Temperature Variation of VBR (mV/C) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097
IPP
(A) 56.0 57.0 51.0 53.0 48.0 50.0 44.0 45.0 40.0 41.0 37.0 38.0 35.0 36.0 32.0 33.0 27.0 28.0 26.0 27.0 23.0 24.0 21.0 22.0 19.0 20.0 17.0 18.0 15.0 16.0 14.0 14.4
MAX 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.55 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50
(mA) 10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
PP6KE6.8* P6KE6.8A* P6KE7.5* P6KE7.5A* P6KE8.2 P6KE8.2A P6KE9.1 P6KE9.1A P6KE10 P6KE10A P6KE11 P6KE11A P6KE12* P6KE12A* P6KE13 P6KE13A P6KE15 P6KE15A P6KE16 P6KE16A P6KE18* P6KE18A* P6KE20 P6KE20A P6KE22 P6KE22A P6KE24 P6KE24A P6KE27* P6KE27A* P6KE30* P6KE30A*
PP6KE6.8C* P6KE6.8CA* P6KE7.5C* P6KE7.5CA* P6KE8.2C P6KE8.2CA P6KE9.1C P6KE9.1CA P6KE10C P6KE10CA P6KE11C P6KE11CA P6KE12C* P6KE12CA* P6KE13C P6KE13CA P6KE15C* P6KE15CA* P6KE16C P6KE16CA P6KE18C* P6KE18CA* P6KE20C* P6KE20CA* P6KE22C P6KE22CA P6KE24C P6KE24CA P6KE27C P6KE27CA P6KE30C* P6KE30CA*
24.30 25.70 27.00 28.50
Suffix `C' denotes Bi-directional device. Suffix `A' denotes 5% tolerance device, no suffix denotes a 10% tolerance device. 1. For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled. 2. VF = 3.5 Volts max. for devices of VR <100v, and VF = 5.0 Volts max for devices of VR >100V. IF = 50A, 300 S square wave. * Preferred voltages.
w w w. l i t t e l f u s e . c o m
287
Silicon Avalanche Diodes
600 Watt Axial Transient Voltage Suppressors
P6KE Series
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number (Uni) Part Number (Bi) Reverse Stand off Voltage VR (Volts) MIN P6KE33* P6KE33A* P6KE36* P6KE36A* P6KE39 P6KE39A P6KE43 P6KE43A P6KE47 P6KE47A P6KE51 P6KE51A P6KE56 P6KE56A P6KE62 P6KE62A P6KE68 P6KE68A P6KE75 P6KE75A P6KE82 P6KE82A P6KE91 P6KE91A P6KE100 P6KE100A P6KE110 P6KE110A P6KE120 P6KE120A P6KE130 P6KE130A P6KE150 P6KE150A P6KE160 P6KE160A P6KE33C P6KE33CA P6KE36C P6KE36CA P6KE39C P6KE39CA P6KE43C P6KE43CA P6KE47C P6KE47CA P6KE51C* P6KE51CA* P6KE56C P6KE56CA P6KE62C P6KE62CA P6KE68C* P6KE68CA* P6KE75C P6KE75CA P6KE82C P6KE82CA P6KE91C P6KE91CA P6KE100C P6KE100CA P6KE110C P6KE110CA P6KE120C P6KE120CA P6KE130C P6KE130CA P6KE150C P6KE150CA P6KE160C P6KE160CA 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102.0 105.0 111.0 121.0 128.0 130.0 136.0 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105.0 108.0 114.0 117.0 124.0 135.0 143.0 144.0 152.0 Breakdown Voltage VBR (Volts) @ IT Maximum Maximum Clamping Reverse Voltage Leakage IR @ VR VC @ IPP (A) (Volts) (mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 12.6 13.2 11.6 12.0 10.5 11.2 9.6 10.1 8.9 9.3 8.2 8.6 7.40 7.80 6.80 7.10 6.10 6.50 5.50 5.80 5.10 5.30 4.50 4.80 4.20 4.40 3.80 4.00 3.50 3.60 3.20 3.30 2.80 2.90 2.60 2.70 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 Maximum Peak Pulse Current IPP (A) Max Voltage Temperature Variation of VBR (mV/C)
(R)
MAX 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100.0 95.5 110.0 105.0 121.0 116.0 132.0 126.0 143.0 137.0 165.0 158.0 176.0 168.0
Suffix `C' denotes Bi-directional device. Suffix `A' denotes 5% tolerance device, no suffix denotes a 10% tolerance device. 1. For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled. 2. VF = 3.5 Volts max. for devices of VR <100v, and VF = 5.0 Volts max for devices of VR >100V. IF = 50A, 300 S square wave. * Preferred voltages.
288
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
600 Watt Axial Transient Voltage Suppressors
P6KE Series
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number (Uni) Part Number (Bi) Reverse Stand off Voltage VR (Volts) MIN P6KE170 P6KE170A P6KE180 P6KE180A P6KE200 P6KE200A P6KE220 P6KE220A P6KE250 P6KE250A P6KE300 P6KE300A P6KE350 P6KE350A P6KE400 P6KE400A P6KE440 P6KE440A P6KE170C P6KE170CA P6KE180C P6KE180CA P6KE200C P6KE200CA P6KE220C* P6KE220CA P6KE250C P6KE250CA P6KE300C P6KE300CA P6KE350C P6KE350CA P6KE400C P6KE400CA P6KE440C P6KE440CA 138.0 145.0 146.0 154.0 162.0 171.0 175.0 185.0 202.0 214.0 243.0 256.0 284.0 300.0 324.0 342.0 356.0 376.0 153.0 162.0 162.0 171.0 180.0 190.0 198.0 209.0 225.0 237.0 270.0 285.0 315.0 332.0 360.0 380.0 396.0 418.0 Breakdown Voltage VBR (Volts) @ IT Maximum Maximum Clamping Reverse Voltage Leakage IR @ VR VC @ IPP (A) (Volts) (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.0 430.0 414.0 504.0 482.0 574.0 548.0 631.0 602.0 2.50 2.60 2.30 2.40 2.10 2.20 1.75 1.83 1.67 1.75 1.40 1.45 1.20 1.25 1.05 1.10 0.95 1.00 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 Maximum Peak Pulse Current IPP (A) Max Voltage Temperature Variation of VBR (mV/C)
(R)
6
SILICON DIODE ARRAYS
MAX 187.0 179.0 198.0 189.0 220.0 210.0 242.0 231.0 275.0 263.0 330.0 315.0 385.0 368.0 440.0 420.0 484.0 462.0
Suffix `C' denotes Bi-directional device. Suffix `A' denotes 5% tolerance device, no suffix denotes a 10% tolerance device. 1. For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled. 2. VF = 3.5 Volts max. for devices of VR <100v, and VF = 5.0 Volts max for devices of VR >100V. IF = 50A, 300 S square wave. * Preferred voltages.
w w w. l i t t e l f u s e . c o m
289


▲Up To Search▲   

 
Price & Availability of P6KE200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X